Part Number Hot Search : 
MAX81405 P328G EHS2Z1 MAX815N EHS2Z1 MC20A PQ100 S2000
Product Description
Full Text Search
 

To Download 534-0270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 533, 534, 535
Vishay Spectrol
(22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
FEATURES
* * * * * * * Bushing and servo mount designs available Special resistance tolerances to 1 % RoHS Rear shaft extensions and support bearing COMPLIANT Metric shaft available Dual gang configuration and concentric shafts High torque, center tap, slipping clutch on request Special markings and front shaft extensions
7/
8"
Note * The color of this product may either be black (US market) or blue (other regions)
ELECTRICAL SPECIFICATIONS
PARAMETER Resistance Range - Standard Values Capability Range Standard Tolerance Linearity (Independent) Noise Rotation (Electrical and Mechanical) Power Rating (at 70 C) Insulation Resistance Dielectric Strength Absolute Minimum Resistance Temperature Coefficient End Voltage Phasing Taps MODEL 533 50 to 20 k 5 to 60 k 5% 0.25 % 100 ENR 1080 +- 10 0 1.0 W MODEL 534 100 to 100 k 10 to 200 k 5% 0.25 % 100 ENR 3600 +- 10 0 2.0 W 1000 M minimum 500 VDC 1000 VRMS minimum 60 Hz Not to exceed linearity x total resistance or 1 , whichever is greater 20 ppm/C (standard values, wire only) 0.25 % of total applied voltage, maximum CCW end points - section 2 phased to section 1 within 2 Center tap only MODEL 535 50 to 50 k 5 to 100 k 5% 0.25 % 100 ENR 1800 +- 10 0 1.5 W
MARKING
Unit Identification Manufacturer's name and model number, resistance value and tolerance, linearity specification date code and terminal identification
RESISTANCE VALUES
Ohms 533: 534: 535: 50R, 100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K 100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K, 50K, 100K 50R, 100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K, 50K
ORDERING INFORMATION/DESCRIPTION
The Models 533 (3 turns), 534 (10 turns) and 535 (5 turns) can be ordered by stating 534 MODEL B MOUNTING B: Bushing S: Servo 2 NUMBER OF SECTIONS 10K OHMIC VALUE SECTION No 1 20K OHMIC VALUE SECTION No 2 5% TOLERANCE ON OHMIC VALUE C LINEARITY 0.25 % (STD) BO10 e4
PACKAGING LEAD FINISH Box of 10 pieces
SAP PART NUMBERING GUIDELINES
534 MODEL B STYLE B: Bushing S: Servo 2 NUMBER OF SECTIONS 103 OHMIC VALUE SECTION No 1 103 = 10K 203 OHMIC VALUE SECTION No 2 203 = 20K J TOLERANCE ON OHMIC VALUE J: 5 % F: 1 % C LINEARITY C: 0.25 % CUSTOM: L: 0.20 % D: 0.1 % B10 PACKAGING Box of 10 pieces
Document Number: 57065 Revision: 06-Apr-10
For technical questions, contact: sfer@vishay.com
www.vishay.com 123
Model 533, 534, 535
Vishay Spectrol
(22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
0.015
7/ " 8
SINGLE SECTION DIMENSIONS in inches (millimeters)
0.750 (19.05) 0.312 (7.92)
0.015
0.812 (20.62)
0.031
0.030 MAX. (0.76)
0.062 (1.57) 0.200 MIN. (5.08)
METRIC SHAFT: 534B...8872
2 1 3
BUSHING MOUNT MODEL: 534B
O 0.2497 (6.34) - 0.0003
0.015
+ 0.0000 + 0.0000 - 0.0020 + 0.000
O 0.875 (22.22) 0.032 x 0.032 (0.81) x (0.81) DP
3/ 8 0.010
O 0.4062 (10.32)
O 6.00 mm - 0.0003 9 mm x 0.75 P
- 32UNEF - 2A SCREWDRIVER SLOT 0.031 0.850 (21.59) 0.015 0.375 (9.52) 0.062 (1.57) 0.057 (1.45) MIN. 0.300 (7.62) MIN. 0.062 (1.57)
2 1
30 TYP. O 0.7500 (19.05) - 0.0005
+ 0.0000
R 0.625 MAX. (15.88)
SERVO MOUNT MODEL: 534S
3
O 0.875 (22.22)
0.015
O 0.1248 (3.17)
+ 0.0000 - 0.0003
2
CW
O 0.750 (19.05) MAX. O 0.875 (22.22)
1 3
SCHEMATIC
Mounting hardware, washer and panel nut, nickel plated
MECHANICAL SPECIFICATIONS
PARAMETER Bearing Type Torque (Maximums): Starting Section 1 Section 2 Torque (Maximums): Running Section 1 Section 2 Weight (Maximums) Section1 Section 2 Stop Strength Ganging Bushing: Sleeve bearing 534 0.5 oz. - in (36 g - cm) 0.9 oz. - in (65 g - cm) 534 0.4 oz. - in (28.80 g - cm) 0.7 oz. - in (50.40 g - cm) Servo: Ball bearing 533/535 0.7 oz. - in (50 g - cm) 1.1 oz. - in (79 g - cm) 533/535 0.6 oz. - in (43.20 g - cm) 0.9 oz. - in (64.8 g - cm)
0.75 oz. (21.26 g) 1.25 oz. (35.44 g) 75 oz. - in (static) (5.4 kg - cm) 2 sections maximum
POWER RATING CHART
4
ENVIRONMENTAL SPECIFICATIONS
Vibration 15 g thru 2000 Hz 50 g
534
RATED POWER IN W
3 535 2 533
Shock Rotational Life (Shaft Revolution) 533 534 534 (Servo) 535 Load Life
300 000 1 000 000 > 1 000 000 500 000 900 h - 55 C to + 125 C
1
0 0 20 40 60 80 100 120 140 160
Temperature Range
AMBIENT TEMPERATURE IN C
www.vishay.com 124
For technical questions, contact: sfer@vishay.com
Document Number: 57065 Revision: 06-Apr-10
Model 533, 534, 535
(22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
RESISTANCE ELEMENT DATA
RESISTANCE VALUE () 533 534 535 533 RESOLUTION % 534 535 OHMS PER TURN MAXIMUM CURRENT AT 70 C AMBIENT (mA) 533 534 535 MAXIMUM VOLTAGE ACROSS COIL (V) 533 534 535
7/
8"
Vishay Spectrol
533
534
535
50 100 200 500 1K 2K 5K 10K 20K -
100 200 500 1K 2K 5K 10K 20K 50K 100K -
50 100 200 500 1K 2K 5K 10K 20K 50K -
0.149 0.111 0.097 0.069 0.063 0.041 0.044 0.034 0.031 -
0.060 0.037 0.031 0.025 0.021 0.016 0.017 0.015 0.009 0.007 -
0.120 0.075 0.061 0.049 0.041 0.031 0.034 0.030 0.020 0.015 -
0.0746 0.1114 0.1954 0.3424 0.6331 0.8206 2.2330 3.4510 6.1790 -
0.0603 0.0746 0.1520 0.2459 0.4113 0.8206 1.7230 3.0160 4.6690 7.4560 -
0.0603 0.0746 0.1220 0.2459 0.4113 0.6331 1.7230 3.0160 3.9910 7.4560 -
141.0 100.0 70.7 44.7 31.6 22.4 14.1 10.0 7.07 -
141.0 100.0 63.2 44.7 31.6 20.0 14.1 10.0 6.32 4.47 -
173.0 122.0 86.6 54.7 38.7 27.4 17.3 12.2 8.66 5.47 -
7.07 10.0 14.1 22.4 31.6 44.7 70.7 100.0 141.0 -
14.1 20.0 31.6 44.7 63.2 100.0 141.0 200.0 316.0 447.0 -
8.66 12.2 17.3 27.4 38.7 54.8 86.6 122.0 173.0 274.0 -
Document Number: 57065 Revision: 06-Apr-10
For technical questions, contact: sfer@vishay.com
www.vishay.com 125
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 534-0270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X